Part Number Hot Search : 
KK4006BN J0000F HT45F56 251G2 MVCO940 74ALVC16 EG200 TFA108S
Product Description
Full Text Search
 

To Download MJE13003HV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING REGULATOR APPLICATION. HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION. FEATURES
Excellent Switching Times : ton=1.1 S(Typ.), tf=0.7 S(Typ.), at IC=1A High Collector Voltage : VCBO=900V.
H J K
MJE13003HV
TRIPLE DIFFUSED NPN TRANSISTOR
A B C E F D
G
L
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage DC Collector Current Pulse Base Current
)
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING 900 530 9 1.5 A 3 UNIT V V V
1. EMITTER 2. COLLECTOR 3. BASE
N 1 2 3 M O P
DIM A B C D E F G H J K L M N O P
MILLIMETERS 8.3 MAX 5.8 0.7 _ 3.2 + 0.1 3.5 _ 11.0 + 0.3 2.9 MAX 1.0 MAX 1.9 MAX _ 0.75 + 0.15 _ 15.50 + 0.5 _ 2.3 + 0.1 _ 0.65 + 0.15 1.6 3.4 MAX
TO-126
0.75 20 150 -55 150 A W
Collector Power Dissipation (Tc=25 ) Junction Temperature Storage Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Emitter Cut-off Current SYMBOL IEBO hFE(1) DC Current Gain *hFE(2) hFE(3) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Output Capacitance Transition Frequency Turn-On Time Storage Time Fall Time *Note : hFE Classification R:20 VCE(sat) IC=1.5A, IB=0.5A IC=0.5A, IB=0.1A VBE(sat) IC=1A, IB=0.25A Cob fT ton tstg tf
IB1 IB2 IB1=I B2 =0.2A DUTY CYCLE < 2% = I B2
TEST CONDITION VEB=9V, IC=0 VCE=10V, IC=10 A VCE=10V, IC=0.4A VCE=10V, IC=1A IC=0.5A, IB=0.1A
MIN. 15 20 6 4
OUTPUT
TYP. 21 1.1 3.0 0.7
MAX. 10 50 50 0.8
UNIT A
V 2.5 1 V 1.2 pF MHz S S S VCB=10V, f=0.1MHz, IE=0 VCE=10V, IC=0.1A
300S INPUT I B1 125
-
VCC =125V
30, O:25 35, Y: 30~50
2007. 9. 10
Revision No : 1
1/2
MJE13003HV
STATIC CHARACTERIC
COLLECTOR CURRENT IC (A)
2.0 1.8 1.2 0.8 0.4
Ib=0mA Ib=500mA
DC CURRENT GAIN
100
VCE=10V
Ib=400mA Ib=300mA Ib=200mA Ib=100mA Ib=50mA
DC CURRENT GAIN hFE
5
10
0 0 1 2 3 4
1 0.01
0.1
1
10
COLLECTOR EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IO (A)
VCE(sat) vs. VBE(sat)
100
IC=4Ib
SWITCHING TIME
100
tstg
SATURATION VOLTAGE VBE(sat), VCE(sat) (V)
Tstg, Tf(S), TIME
10
VBE(sat)
10
1
VCE(sat)
1
tf
0.1 0.01
0.1
1
10
0.1 0.1
1
COLLECTOR CURRENT IC (A)
COLLECTOR CURRENT IC (A)
SAFE OPERATING AREA
10 1.25
PC - Ta
POWER DISSIPATION PC (W)
COLLETOR CURRENT IC (A)
Ic max (Pulse) Ic max (DC)
5m
1m
s
10
10s
0 s
1.1 1 0.75 0.5 0.25 0 0 50
Tc=Ta INFINITE HEAT SINK
1
s
0.1
0.01 1 10 100 1000
100
150
200
COLLECTOR EMITTER VOLTAGE VCE (V)
AMBIENT TEMPERATURE Ta ( C)
2007. 9. 10
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of MJE13003HV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X